PART |
Description |
Maker |
B0357-BLB B0357-BLD B0358-CLD |
Transformer, for NSC LM5025/5034, SMT, RoHS 100 W, SMPS TRANSFORMER Power inductor, for NSC LM5025/5034, 10% tol, SMT, RoHS SMPS TRANSFORMER
|
Coilcraft, Inc. COILCRAFT INC
|
Q4344-BL Q4337-BL Q4339-BL |
Transformer, for NSC LM258x, RoHS 9 W, SMPS TRANSFORMER Transformer, for NSC LM258x, RoHS 4.2 W, SMPS TRANSFORMER Transformer, for NSC LM258x, RoHS 7.6 W, SMPS TRANSFORMER
|
Coilcraft, Inc.
|
PWRBG2530 |
Couvercle dobturation arriere - Serie PW
|
Hammond Manufacturing L...
|
MIC702 |
Interface serie pour afficheur LCD standard
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
MIC800 |
Controleur de servos de radiocommande par liasion serie
|
Electronic Theatre Controls, Inc.
|
18P1515PP 18P1713PP 18P1309PP 18P1313PP |
Panneaux perfores pour armoires de la serie C3R
|
Hammond Manufacturing L...
|
C1023-ALD |
PoE transformer, for NSC LM5070, 3.3V, SMT, RoHS 13 W, SMPS TRANSFORMER
|
Coilcraft, Inc.
|
691304330003 691304330004 691304330005 69130433000 |
Serie 3043 - 3.81 mm Screwless Vertical Entry Plug w. Plastic Latch WR-TBL
|
Wurth Elektronik GmbH &...
|
691137710002 691137710004 691137710005 69113771000 |
Serie 1377 - 5.00 mm Horizontal Entry w. Pressure Clamp - Glow Wire Plastic WR-TBL
|
Wurth Elektronik GmbH &...
|
Q4344-B Q4338-B |
NOT RoHS. Transformer, for NSC LM258x (add 'L' for compliant version)
|
COILCRAFT INC
|
A67L7332E-6 A67L7332E-45 A67L7332E-5 A67L8318E-6 A |
256K X 16/18/ 128K X 32/36 LVTTL/ Pipelined DBA SRAM T1 CABLE DB15M-DB15M CROSS PINNED 10 FT. T1 CABLE RJ48-RJ48 CROSS PINNED 10 FEET T1 CABLE DB15M-RJ48 CROSS PINNED 25 FT. 256K X 16/18, 128K X 32/36 LVTTL, Pipelined DBA SRAM 256 × 16/1828K的X 32/36 LVTTL,管线数据库管理员的SRAM Cycle time:7ns; access time:4.5ns; 256K x 16 LVTTL, pipelined DBA SRAM
|
AMIC Technology Corporation AMIC Technology, Corp.
|